PART |
Description |
Maker |
HMC743ALP6CE |
RF Amplifier dig Variable-Gain
|
Hittite Microwave, Corp.
|
MIC5201-4.8BS MIC5201-3.3BM MIC5201-3.3BS MIC5201- |
Replaced by PTN78060W,PTN78060H : Unshielded Paired Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1; Leaded Process Compatible:No; Conductor Material:Copper RoHS Compliant: Yes Replaced by PTN78060W : 3.3 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO4 200mA Low-Dropout Voltage Regulator 4.8 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO4
|
Micrel Semiconductor,Inc. Micrel Semiconductor, Inc.
|
REL-KSR-21 |
This product has been replaced by a newer version.
|
PHOENIX CONTACT
|
S29WS256N0LBAI010 S29WS256N0PBFI013 S29WS064N0LBAW |
Replaced by PTB78520W : 16M X 16 FLASH 1.8V PROM, 70 ns, PBGA84 Replaced by PTB48510C : 16M X 16 FLASH 1.8V PROM, 70 ns, PBGA84 256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY 8M X 16 FLASH 1.8V PROM, 70 ns, PBGA84 3.3Vout 30W 48V-Input Isolated DC-DC Converter 19-SIP MODULE -40 to 85 8M X 16 FLASH 1.8V PROM, 70 ns, PBGA84 Replaced by PTB48560A : 25-WATT TRIPLE OUTPUT 48V-INPUT ISOLATED DC/DC CONVERTER FOR DSL 20-SIP MODULE 256/128/64兆位的CMOS 1.8伏只有同时读/写突发模式闪 256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY 4M X 16 FLASH 1.8V PROM, 70 ns, PBGA80 256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY 256/128/64兆位的CMOS 1.8伏只有同时读/写突发模式闪 Replaced by PTB48560C : 9V 30 Watt 48V-Input Isolated DC/DC Converter 19-SIP MODULE 8M X 16 FLASH 1.8V PROM, 70 ns, PBGA84 LED SMT_ULED4 MICROLED RED/GREEN FOR USE WITH OPTOPIPE
|
Spansion, Inc. Spansion Inc.
|
NJM2597V NJM2590 NJM2590V NJM2597 |
Replaced by LOG102,LOG112 : 455kHz INPUT FM IF DEMODULATOR
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
AS7C4098 AS7C34098-15TC AS7C34098-15TCN AS7C34098- |
High Speed CMOS Logic Quad 2-Input Schmitt-Triggered NAND Gates 14-SOIC -55 to 125 5V/3.3V 256K x 16 CMOS SRAM 5V/3.3V 256K × 16 CMOS SRAM 5V/3.3V 256K x 16 CMOS SRAM 256K X 16 STANDARD SRAM, 10 ns, PDSO44 5V/3.3V 256K x 16 CMOS SRAM 256K X 16 STANDARD SRAM, 15 ns, PDSO44 Replaced by SN74LV240A : Octal Buffer/Driver With 3-State Outputs 20-SSOP -40 to 85 Replaced by SN74LV240A : Octal Buffer/Driver With 3-State Outputs 20-SOIC -40 to 85 Replaced by SN74LV240A : Octal Buffer/Driver With 3-State Outputs 20-TSSOP -40 to 85 Octal Buffers/Drivers With 3-State Outputs 20-SSOP -40 to 85 Octal Buffers/Drivers With 3-State Outputs 20-SOIC -40 to 85 Octal Buffers/Drivers With 3-State Outputs 20-TVSOP -40 to 85 SRAM - 5V Fast Asynchronous
|
ALLIANCE MEMORY INC Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
EL5281 EL5281CS EL5281CS-T13 EL5281CS-T7 |
Replaced by PTN04050A : Dual 8ns High-Speed Comparator
|
Intersil Corporation
|
TLC320AD91CPT |
Replaced by TLV320AIC27 : 18-Bit Stereo AC97 Audio Codec 48-LQFP
|
STMicroelectronics N.V.
|
18030-1 240792-1 879103-2 1-455889-4 2-18024-6 4-4 |
REPLACED BY OCEAN STYLE APPLICATOR PART REPLACED BY OCEAN STYLE APPLICATOR PART
|
TE Connectivity Ltd
|
MAX5932 MAX5932ESA |
Replaced by SN54LS299 : 8-Bit Universal Shift/Storage Registers 20-CDIP -55 to 125 MAX5932 Evaluation Kit
|
MAXIM INTEGRATED PRODUCTS INC
|
MIC2546-1BM MIC2546-1BTS MIC2546-2BTS MIC2546-2BM |
Replaced by PT6522 : 0.1 A 2 CHANNEL, BUF OR INV BASED PRPHL DRVR, PDSO16 Dual Programmable Current Limit Switch Preliminary Information 0.1 A 2 CHANNEL, BUF OR INV BASED PRPHL DRVR, PDSO16 Dual Programmable Current Limit Switch(双可编程限流电源高边开 双可编程电流限位开关(双可编程限流电源高边开关) Replaced by PT6527 : 0.1 A 2 CHANNEL, BUF OR INV BASED PRPHL DRVR, PDSO16
|
Micrel Semiconductor,Inc. Micrel Semiconductor, Inc. MICREL INC
|